Part Number Hot Search : 
2SB1292 2SB1292 AP9918GJ 40008 MCP1630 BZX85C12 1N6006 A7912
Product Description
Full Text Search
 

To Download BK60C-40 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Astec Industry Standard
150 Watts
BK60C-40
High Efficiency
Total Power: Input Voltages: No. of Outputs:
150 Watts 48V Single
Electrical Specs
Input
Input range Input Surge Efficiency 36-75 VDC 100V / 100ms 89% @ 3.3V (typ)
Output
Load regulation Line regulation Ripple and noise Remote sense Output voltage adjust range Transient Response 10mV typical down to no load (output below 5V) 10mV typical (outpt below 5V) 200mV p-p max) Up to 0.5V 20% of nominal output 10% max deviation with 25% to 75% full load (output 5V and above) 200mV 130% nominal output (output 5V and above) 160% nominal outpt (2.2V output) 140% nominal output (3.3V output) 115% maximum output
Special Features
* High efficiency, 5V@89% * -40C to 100C baseplate operating temperature (no derating) * Positive and Negative enable function * Low output ripple and noise * High capacitive load limit on start-up * Remote sense compensation * Regulation to zero load * Fixed frequency switching (300 kHz)
Overvoltage Protection
Current Limit
Control
Environmental
Operating temperature (baseplate): -40C to +100C Storage temperature: -55C to +105C Overtemperature protection: 110C typical MTBF: >1 million hours
Voltage Adjust Enable
90 to 110% TTL compatible (positive & negative enable options)
Notes:
1. Nominal values apply with sense pins connected and other control pins unconnected. 2. Specifications subject to change without notice.
Safety
UL UL 1950 CAN22.2-950 EN60950
TUV
44
America's (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211
Asia (HK): 852-2437-9662
AMERICAS 5810 Van Allen Way Carlsbad, CA 92008 Telephone: 760-930-4600 Facsimile: 760-930-0698
EUROPE Astec House, Waterfront Business Park Merry Hill, Dudley West Midlands, DY5 1LX, UK Telephone: 44 (1384) 842-211 Facsimile: 44 (1384) 843-355
ASIA Units 2111-2116, Level 21 Tower1, Metroplaza 223, Hing Fong Road Fwai Fong, New Territories Hong Kong Telephone: 852-2437-9662 Facsimile: 852-2402-4426
BK60C-40
Ordering Information
Input Voltage 48V 48V 48V Output Voltage 1.8V @ 40A 2.5V @ 40A 3.3V @ 40A Efficiency 81% min 84% min 86% min Model Number BK60C-048L-018F40H BK60C-048L-025F40H BK60C-048L-033F40H
NOTES: Efficiency is measured at full load and Tc=70 Deg C "N" added to suffix = Negative Enable (Omit suffix for positive enable (default))
Pin Assignments
Single Output 1. 2. 3. 4. 5. 6. 7. 8. 9. -Vin Case Enable (on/off) +Vin -5V Rtn - Sense Trim + Sense +Out
2.40 [61.0] 2.000 [50.80]
.50 [12.7]
.20 MIN. [5.0]
NOTE 1
2.30 [58.4]
1.900 [48.26]
1
5
2 1.400 [35.56] .600 [15.24] 3
6 7 8
Notes:
1. 20 mHz bandwidth. An external 2.2 mf ceramic capacitor is recommended to be placed from +V out to -V out. 2. Requires a 2.2 mf, 100V film capacitor connected between +V in and -V in to meet FCC class A and ETS300-386-1 requirements for conducted noise. Consult Factory for filtering information to meet FCC class B, VDE or EIC specifications. 3. All specifications are typical at nominal line, full load, and 25C unless otherwise noted. 4. All specifications subject to change without notice. Mechanical drawings are for reference only. 5. Please refer to the Technical Reference Notes for more information. 6. Warranty: 1 yr
4
9
Mounting Inserts M3 X .5 (4 places)
BOTTOM VIEW
Case Material: Metal base, plastic cover Weight: 2.75 Oz / 78 Grams
Astec Industry Standard
www.astec.com
45


▲Up To Search▲   

 
Price & Availability of BK60C-40

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X